Part Number Hot Search : 
ZMY9B1G RS806G 2N2194B UPD17 OM7634NM Z5230 DA5221 RS1004FL
Product Description
Full Text Search
 

To Download MR2535L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  / f lf nc. 20 stern ave. springfield, new jersey 07081 u.s.a. MR2535L telephone: (973) 376-2922 (212) 227-6005 fax: (973) 376-8960 automotive transient voltage suppressor 0.360(9.1) 0.340(8.6) vbr : 20 volts lo : 6 amperes features: * avalanche voltage 24 to 32 volts * high power capability * increased capacity by parallel operation * pb / rohs free mechanical data : * case : molded plastic * epoxy : ul94v-o rate flame retardant * lead : axial lead solderable per mil-std-202, method 208 guaranteed * polarity : color band denotes cathode end * mounting position : any * weight: 2.049 grams maximum ratings and electrical characteristics rating at 25 c ambient temperature unless otherwise specified. d6 t 1.00(25.4) - mini. 0.052(1.32) 0.048(1.22) _g_.360(9.1) 0.340 (8.6) 1.00(25.4) min. dimensions in inches and ( millimeters ) rating maximum dc peak repetitive reverse voltage maximum working peak reverse voltage maximum dc blocking voltage maximum breakdown voltage ( ir = 1 00 ma, tc = 25 c ) (1) minimum breakdown voltage ( ir = 1 00 ma, tc = 25 c ) (1> maximum breakdown voltage ( ir = 90 ma, tc = 1 50 c, pw = 80 us) (1) maximum average rectified forward current ( single phase, resistive load, 60 hz, tc = 125 c ) maximum repetitive peak reverse surge current ( time constant = 1 0 ms, duty cycle < 1 %, tc = 25 c ) maximum non-repetitive peak surge current surge supplied at rated load conditions, halfwave, single phase maximum instantaneous forward voltage (if = 100 a tc = 25 c) <1) maximum reverse current ( vr = 20 v, tc = 25 c ) typical breakdown voltage temperature coefficient typical forward voltage temperature coefficient @ if = 10 ma typical thermal resistance junction to case operating junction and storage temperature range note : (1) pulse test pulse width 300ns, duty cycle < 2%. symbol value unit vrrm 20 ' v vrwm 20 v vr 20 v verfmax) 32 v vbr(min) 24 v vbr 40 j v if(av) 6.0 a irsm 62 a ifsm 600 a vf 1.1 v ir 200 ' na v(br)tc ! 0.096 %/c vftc j 2.0 < mv/c rgjc 0.8 c/w tj, tstg -65to + 175 ' c nj semi-conductors reserves the right to change test eonditions. parameter limits and package dimensions without notice. information furnished by nj semi-conduclors is believed to be both accurate and reliable at the time of going lo press. however. nj scmi-comluctors assumes no responsibility for any errors or omissions discovered in its use. nj semi-conductors encourages customers to verily lhat datasheets are current before placing orders. quality semi-conductors
rating and characteristic curves ( MR2535L ) fig.1 - typical forward voltage 1000 100 10 t. = !25 c i 6cc 700 600 900 '000 vv instantaneous forward voltage fmvi fig.3 - typical capacitance 4ccc|- c 5 1c 15 20 v,=. dc blocking voltage (vi fig.5 - thermal response 25 fig.2 - typical reverse current vs. junction temperature 1000 c.oi vr = 20 v 25 50 75 100 125 '50 t, junction temperature i c) fig.4 - maximum current ratings 25 ci a. ?v; "n *s v 1c m s-j is m x i> , 11 both ?s, ^>, "~~ \ *^^ eads to heats nk with cqua1 length ' = :f*;.k>'''fi;,.'s; =-t ?s. -v. ?*x^ x, ~^^ l v, *-s **. = 6 \, 25 ?^, "^ ~*? mn" ^v ~?, s. v ?*? ?* *n ?^! ^ ? ?t 20 io ijc 8c 100 120 140 iso iso tl. lead temperature i c) fig.6 - steady state thermal resistance 1 _l _u -^ j s t^-ni 11 . co ? lj c 01 " ^^ p. ,..,,,,. . . , , !" ? | ??">?; ? -jf^ 11 ? ? ? f ? '? : '?'? f \ ': . ' jf \ '/t : ?r >^ '.t;i; ? i-^t f : ::;;!;!: ::!:: l = 6.25 mm. both ^eacsto heats, nk (eq n > ? | , i .,.,.. ; - !;:;;?; jal length) , ? lu -0 o --;? 1.5 k 00 ~ w w c j|j lu -^ t lj -:f: ^e'i i; ^~ 20 it z t 11 -5 _jz 10 x =j tt c, 0 c.ooi 3.01 c.i 1 *3 100 t. time; sj ^ s ngle w heatsink -,. ^*^ ^ ^ x^ x" :>- x r/ ^ ^ ^ * ^''' mix i mil m 1 s >> ^t mo l--' pt" kjmur ^^ <, x x typical ?^^. - t"d ^-^ cal - both leads to heatsink (eqlial engthj c 5 10 it 2c i lead i_ength; mm;


▲Up To Search▲   

 
Price & Availability of MR2535L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X